Part Number Hot Search : 
KBJ25B X05S47 SB1545 MN101C 571007 F092011 M7403 X05S47
Product Description
Full Text Search
 

To Download 2SD2504 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistors
2SD2504
Silicon NPN epitaxial planar type
For low-frequency power amplification
5.00.2
Unit: mm
4.00.2
0.70.1
0.70.2 12.90.5
* Low collector-emitter saturation voltage VCE(sat) * Large collector current IC
Absolute Maximum Ratings Ta = 25C
Parameter Collector-base voltage (Emitter open) Collector-emitter voltage (Base open) Emitter-base voltage (Collector open) Collector current Peak collector current * Collector power dissipation Junction temperature Storage temperature Note) *: t = 380 s Symbol VCBO VCEO VEBO IC ICP PC Tj Tstg Rating 15 10 10 5 9 750 150 -55 to +150 Unit V V V A A mW C C
0.45+0.15 -0.1 2.5+0.6 -0.2 1 23
5.10.2
0.45+0.15 -0.1 2.5+0.6 -0.2
Features
2.30.2
1 : Emitter 2 : Collector 3 : Base TO-92-B1 Package
Electrical Characteristics Ta = 25C 3C
Parameter Collector-base voltage (Emitter open) Collector-emitter voltage (Base open) Collector-base cutoff current (Emitter open) Collector-emitter cutoff current (Base open) Emitter-base cutoff current (Collector open) Forward current transfer ratio * Collector-emitter saturation voltage * Transition frequency Collector output capacitance (Common base, input open circuited) Symbol VCBO VCEO ICBO ICEO IEBO hFE1 hFE2 VCE(sat) fT Cob Conditions IC = 1 mA, IE = 0 IC = 10 A, IB = 0 VCB = 10 V, IE = 0 VCE = 5 V, IB = 0 VEB = 5 V, IE = 0 VCE = 2 V, IC = 0.5 A VCE = 2 V, IC = 2 A IC = 3 A, IB = 0.1 A VCB = 6 V, IE = -50 mA, f = 200 MHz VCB = 20 V, IE = 0, f = 1 MHz 300 195 0.28 170 45 65 0.50 V MHz pF Min 10 10 0.1 1.0 0.1 800 Typ Max Unit V V A A A
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors. 2. *: Pulse measurement
Publication date: February 2003
SJC00267DED
1
2SD2504
PC Ta
800
IC VCE
4.0 3.5 Ta = 25C IB = 10 mA 9 mA 8 mA 7 mA 2.5 2.0 1.5 1.0 0.5 6 mA 5 mA 4 mA 3 mA 2 mA 1 mA 0 1.2 VCE = 2 V
IC VBE
Collector power dissipation PC (mW)
1.0
Collector current IC (A)
Collector current IC (A)
600
3.0
0.8 Ta = 85C 25C 0.4 -25C
400
0.6
200
0.2
0
0
40
80
120
160
0
0
2
4
6
8
10
12
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Ambient temperature Ta (C)
Collector-emitter voltage VCE (V)
Base-emitter voltage VBE (V)
IC I B
VCE = 2 V Ta = 25C
VCE(sat) IC
Collector-emitter saturation voltage VCE(sat) (V)
10 IC / IB = 30
hFE IC
800 700 Ta = 85C VCE = 2 V
0.5
0.4
Forward current transfer ratio hFE
Collector current IC (A)
1 Ta = 85C 25C 0.1 -25C
600 500 400 300 200 100 0 0.001
25C
0.3
-25C
0.2
0.01
0.1
0
0
0.2
0.4
0.6
0.8
1.0
1.2
0.001 0.1
1
10
0.01
0.1
1
10
100
Base current IB (mA)
Collector current IC (A)
Collector current IC (A)
Cob VCB
Collector output capacitance C (pF) (Common base, input open circuited) ob
1 000 f = 1 MHz Ta = 25C
100
10
1
5
10
15
20
25
30
Collector-base voltage VCB (V)
2
SJC00267DED
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuits examples of the products. It neither warrants non-infringement of intellectual property right or any other rights owned by our company or a third party, nor grants any license. (3) We are not liable for the infringement of rights owned by a third party arising out of the use of the product or technologies as described in this material. (4) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (5) The products and product specifications described in this material are subject to change without notice for modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (6) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage, and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. Measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) When using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) This material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of Matsushita Electric Industrial Co., Ltd.
2002 JUL


▲Up To Search▲   

 
Price & Availability of 2SD2504

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X